Part Number Hot Search : 
CY3093 L7407 BCP68T1G TC124E MPSA92 MTD5010M 470MC 12100
Product Description
Full Text Search
 

To Download 018-1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  twin structure of 41 17 type. small size, light weight.low coil power consumption. pc board mounting. 4117-2 2c s 12vdc 1 2 3 4 ordering information 3 enclosure s: sealed type z: dust cover 4 coil rated voltage(v) dc:3,5,6,9,12,18,24 contact data coil parameter 4117-2 1 part number 4117-2 2 contact arrangement 2a:2a 2c:2c 2u:2u 2w:2w caution: 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. dash numbers coil voltage vdc rated max. coil resistance 10% pickup voltage vdc(max) (75%of rated voltage ) release voltage vdc(min) (10% of rated voltage) coil power consumption w operate time ms release time ms 29.6 18 20 contact arrangement 2a dpstno 2c dpdt(b-m) 2u dpstnodm 2w dpdtnc-no contact material agni agsno 2 contact rating (resistive) 2a,2c: 10a/120v ac,28vdc ; 2u,2w: 2 10a/120vac, 28vdc max. switching power 280w 1200va max. switching voltage 75vdc 380vac max. switching current:10a contact resistance or voltage drop 50m item 4.12 of iec 61810-7 5 operation electrical 10 item 4.30 of iec 61810-7 7 life mechanical 10 item 4 .31 of iec 61810-7 003-1000 3 3.9 92 2.25 0.3 005-1000 5 6.5 25 2 3.75 0.5 006-1000 6 7.8 36 2 4.50 0.6 009-1000 9 11.7 85 2 6.75 0.9 012-1000 12 15.6 145 2 9.00 1.2 018-1000 18 23.4 324 2 13.5 1.8 024-1000 24 31.2 576 2 18.0 2.4 2 1.0 10 5 features 125 operation condition dimensions notes 1).dimensions are in millimeters. 2).inch equivalents are given for general information only . reference data 50hz 750v item 6 of iec 61810-5 50hz 1500v item 6 of iec 61810-5 dimensions mounting (bottom view) wiring diagram(bottom view) insulation resistance 100m min (at 500vdc) item 7 of iec 61810-5 dielectric strength between contacts between contact and coil 2 shock resistance 100m/s 11ms iec68-2-27 t est ea vibration resistance 10~40hz double amplitude 1.27mm iec68-2-6 t est fc terminals strength 1 0n iec68-2-21 t est ua1 solderability 235 2 3 0.5s iec68-2-20 t est t a method 1 ambient t emperature -40~105 relative humidity 85% (at 40 ) iec68-2-3t est ca mass 20g 126 4117-2 12 10 86 4 2 t i m e ( m s e c ) mm /inch 18max. 0.709max. 2 0 m a x . 0 . 7 8 7 m a x . 0 . 3 0 . 0 1 2 2 . 4 0 . 0 9 4 0.083 2.1 29.6max. 1.165max. 14- 1.3 5.08 5.08 0.2 00 0.2 00 10.16 0.400 4 0 .1 5 7 10.16 0.400 0.051 8 . 8 9 0 . 3 5 0 3 . 8 1 0 . 1 5 0 0.028 4- 0.7 0.031x0.031 0.8x0.8 0.031x0.031 0.8x0.8 0.02x0.031 8-0.5x0.8 suitable for household appliances, electrical equipment, automation system, and automobile industry application. ningbo huaguan electronics corporation l td .


▲Up To Search▲   

 
Price & Availability of 018-1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X